PART |
Description |
Maker |
SCVN0345N1 SJVN0345N1 SJVN0345N2 SXVN0345N1 SXVN03 |
2.5 A, 450 V, 4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3 350 mA, 450 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-39
|
Supertex, Inc.
|
MTD5P06V ON2511 MTD5P06V-T4 |
5 A, 60 V, 0.45 ohm, P-CHANNEL, Si, POWER, MOSFET TMOS POWER FET 5 AMPERES 60 VOLTS RDS(on) = 0.450 OHM From old datasheet system
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
IRF433 |
4 A, 450 V, 2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-204AA
|
HARRIS SEMICONDUCTOR
|
FK10UM-9 |
HIGH-SPEED SWITCHING USE 10 A, 450 V, 0.92 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
CF1/4LVTER6R8G CF1/4CVTEA6R8G CF1/4LT52R6R8G CF1/4 |
RESISTOR, CARBON FILM, 0.25 W, 2 %, 450 ppm, 6.8 ohm, THROUGH HOLE MOUNT AXIAL LEADED
|
KOA Speer Electronics,Inc.
|
SD1422 RF427 |
RES 11.0K OHM 1/16W 0.5% 0402SMD RF & MICROWAVE TRANSISTORS 450-512 MHz CLASS C, MOBILE APPLICATIONS From old datasheet system
|
Microsemi Corporation
|
UPSD3433E-40T6 UPSD3453E-40U6T UPSD3453E-40T6T UPS |
MOSFET, Switching; VDSS (V): 40; ID (A): 40; Pch : 25; RDS (ON) typ. (ohm) @10V: 0.0038; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2280; toff (µs) typ: 0.041; Package: LFPAK MOSFET, Switching; VDSS (V): 30; ID (A): 60; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.0025; RDS (ON) typ. (ohm) @4V[4.5V]: [0.003]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 7600; toff (µs) typ: 0.065; Package: LFPAK MOSFET, Switching; VDSS (V): 20; ID (A): 60; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.0021; RDS (ON) typ. (ohm) @4V[4.5V]: [0.0028]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 7750; toff (µs) typ: 0.065; Package: LFPAK MOSFET, Switching; VDSS (V): 450; ID (A): 0.7; Pch : -; RDS (ON) typ. (ohm) @10V: 5.5; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 140; toff (µs) typ: -; Package: SOP-8 MOSFET, Switching; VDSS (V): 12; ID (A): 3.5; Pch : 0.9; RDS (ON) typ. (ohm) @10V: -; RDS (ON) typ. (ohm) @4V[4.5V]: [0.026]; RDS (ON) typ. (ohm) @2.5V: 0.034; Ciss (pF) typ: 770; toff (µs) typ: 0.036; Package: CMFPAK-6 MOSFET, Switching; VDSS (V): 80; ID (A): 30; Pch : 25; RDS (ON) typ. (ohm) @10V: 0.01; RDS (ON) typ. (ohm) @4V[4.5V]: [0.0115]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 3520; toff (µs) typ: -; Package: WPAK Turbo Plus系列高速涡032 USB和可编程逻辑控制 Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic Turbo Plus系列高速涡032 USB和可编程逻辑控制 MOSFET, Switching; VDSS (V): 100; ID (A): 25; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.012; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 4350; toff (µs) typ: 0.037; Package: LFPAK Turbo Plus系列高速涡032 USB和可编程逻辑控制
|
意法半导 STMicroelectronics N.V.
|
M3T-42DIP-DMS |
Converter for Connecting 42-pin RSS Type Emulator MCU to M3T-DCT42B-450 (or M3T-SSOP42B-450)
|
Renesas Electronics Corporation
|
FK18SM-9 |
ER SERIES 3#12 2#4 18 A, 450 V, 0.41 ohm, N-CHANNEL, Si, POWER, MOSFET Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
APT10045JLL |
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS. POWER MOS 7 1000V 21A 0.450 Ohm
|
Advanced Power Technology Ltd.
|
2SJ266-DL 2SJ259-DL 2SK1889-DL 2SJ258-DL 2SJ258DL |
8 A, 60 V, 0.2 ohm, P-CHANNEL, Si, POWER, MOSFET 20 A, 30 V, 0.055 ohm, P-CHANNEL, Si, POWER, MOSFET 18 A, 30 V, 0.055 ohm, N-CHANNEL, Si, POWER, MOSFET 12 A, 30 V, 0.095 ohm, P-CHANNEL, Si, POWER, MOSFET 3 A, 450 V, 3.2 ohm, N-CHANNEL, Si, POWER, MOSFET
|
|
AWT6388 AWT6388RM20P9 |
450 MHz - 460 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER 450 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
|
ANADIGICS INC ANADIGICS, Inc
|
|